PART |
Description |
Maker |
BU4070B/BF BU4030B/BF |
Standard Logic LSIs > CMOS logic BU4000B Series
|
ROHM
|
BU4S01 |
Standard Logic LSIs > CMOS logic BU4S Series
|
ROHM
|
BU4S71 |
Standard Logic LSIs > CMOS logic BU4S Series
|
ROHM
|
BTB06-600B BTB06-600BRG BTB06-600BW BTB06-600BWRG |
800 V, 6 A, SNUBBERLESS TRIAC, TO-220AB SNUBBERLESS?? LOGIC LEVEL & STANDARD SNUBBERLESS LOGIC LEVEL & STANDARD 缓冲器⑩,逻辑电平 (65.93 k) 5.93十一 INDICATOR BODY, ROUND; Lamp fitting type:Midget Groove; Approval Bodies:BEAB, CSA, VDE, UL; Current, contact max:6A; Depth, external:42mm; Diameter, bezel:18mm; IP rating:IP65; Operations, mechanical No. of:1000000; Temp, op. RoHS Compliant: Yes 240 x 128 pixel format, LED or EL Backlight SC70/SOT23-8, 50mA IOUT, Rail-to-Rail I/O Op Amps with Shutdown/Mute SNUBBERLESS LOGIC LEVEL & STANDARD SNUBBERLESS/ LOGIC LEVEL & STANDARD Transient Voltage Suppressor Diodes SNUBBERLESS⑩, LOGIC LEVEL & STANDARD From old datasheet system SNUBBERLESS, LOGIC LEVEL & STANDARD 6A TRIACS SNUBBERLESS? LOGIC LEVEL & STANDARD
|
STMicroelectronics N.V. International Rectifier, Corp. 意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|
BL-B4137B BL-B4137E BL-B4137M BL-B4137N BL-B9137E |
STANDARD LED LAMPS 标准LED节能 High Speed CMOS Logic Octal Transparent Latches with 3-State Outputs 20-SSOP -55 to 125 High Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrators 16-PDIP -55 to 125 High Speed CMOS Logic Octal Positive-Edge-Triggered D-Type Inverting Flip-Flops with 3-State Outputs 20-SOIC -55 to 125 RESISTOR, 10 1% 1/2W, 2010, SMD High Speed CMOS Logic 4-by-4 Register File 16-PDIP -55 to 125 8-Bit Identity/Magnitude Comparators (P=Q) with Enable 20-SOIC -55 to 125 High Speed CMOS Logic 4-by-4 Register File 16-SOIC -55 to 125
|
Yellow Stone, Corp. 早安股份有限公司 ETC YSTONE[Yellow Stone Corp]
|
HD74LV2GT00A HD74LV2GT00AUSE |
Standard IC>General-Purpose Logics>Uni-Logic 74LV-A LVT-A 1G/1GW/2G Series>74LV2G-A LV2GT-A Dual 2-input NAND Gates / CMOS Logic Level Shifter
|
Renesas Electronics Corporation
|
AS7C4096A AS7C4096A-20TIN AS7C4096A-10JC AS7C4096A |
SRAM - 5V Fast Asynchronous 5.0V 512K x 8 CMOS SRAM 512K X 8 STANDARD SRAM, 10 ns, PDSO36 High Speed CMOS Logic Quad Buffers with 3-State Outputs 14-PDIP -55 to 125 512K X 8 STANDARD SRAM, 12 ns, PDSO44 High Speed CMOS Logic Quad Buffers with 3-State Outputs 14-SOIC -55 to 125 512K X 8 STANDARD SRAM, 12 ns, PDSO44
|
Alliance Semiconductor ... ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp.
|
HD74LV2GT74AUSE HD74LV2GT74A |
Standard IC>General-Purpose Logics>Uni-Logic 74LV-A LVT-A 1G/1GW/2G Series>74LV2G-A LV2GT-A Single D-type Flip Flops with Preset and Clear / CMOS Logic Level Shifter
|
Renesas Electronics Corporation
|
AS7C4096 AS7C34096-15JC AS7C34096-10JC AS7C34096-1 |
5V/3.3V 512K X8 CMOS SRAM 512K X 8 STANDARD SRAM, 12 ns, PDSO36 High Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Reset 16-TSSOP -55 to 125 512K X 8 STANDARD SRAM, 20 ns, PDSO44 High Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Reset 16-TSSOP -55 to 125 512K X 8 STANDARD SRAM, 20 ns, PDSO36 Dual 4-Input Positive-AND Gate 14-TVSOP -40 to 85 512K X 8 STANDARD SRAM, 12 ns, PDSO44 Dual 4-Input Positive-AND Gate 14-SOIC -40 to 85 512K X 8 STANDARD SRAM, 12 ns, PDSO36 TV 12C 8#20 4#16 SKT PLUG 512K X 8 STANDARD SRAM, 10 ns, PDSO36 Dual 4-Input Positive-AND Gate 14-TSSOP -40 to 85 512K X 8 STANDARD SRAM, 20 ns, PDSO44 DUAL MONOSTABLE MULTIVIBRATORS 16-SOIC -40 to 85 512K X 8 STANDARD SRAM, 20 ns, PDSO44 Dual 4-Input Positive-AND Gate 14-SO -40 to 85 512K X 8 STANDARD SRAM, 15 ns, PDSO36 Dual 4-Input Positive-AND Gate 14-TSSOP -40 to 85 512K X 8 STANDARD SRAM, 15 ns, PDSO44 TV 26C 26#20 PIN WALL RECP 512K X 8 STANDARD SRAM, 10 ns, PDSO44 TV 5C 5#16 PIN WALL RECP SRAM - 5V Fast Asynchronous
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
AS7C256 AS7C256-10 AS7C256-10JC AS7C256-10PC AS7C2 |
ECONOLINE: RSZ/P - 1kVDC & 2kVDC Isolation- UL94V-0 Package Material- No Heatsink Required- No Extern. Components Required- Toroidal Magnetics- ContinuousShort Circuit Protection ( /P-Suffix) High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 35 ns, PDSO28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 10 ns, PDSO28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 25 ns, PDSO28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 12 ns, PDSO28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 12 ns, PDIP28 High Performance 32Kx8 CMOS SRAM 高性能32Kx8 CMOS SRAM High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 10 ns, PDIP28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 25 ns, PDIP28
|
ETC[ETC] ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp. Alliance Semiconductor ...
|
|